Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE3R305PKFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # S36SE3R305PKFA
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE3R305PKFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button S36SE3R305PKFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 9Page - Delta Electronics, Inc. S36SE3R305PKFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS_S36SE3R305_02152007
6
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a
few µH, we advise adding a 10 to 100 µF electrolytic
capacitor (ESR < 0.7 Ω at 100 kHz) mounted close to the
input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in
a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design.
Application notes to assist
designers in addressing these issues are pending to
release.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the
end-user’s safety agency standard, i.e., UL60950,
CAN/CSA-C22.2 No. 60950-00 and EN60950: 2000 and
IEC60950-1999, if the system in which the power module
is to be used must meet safety agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the
purpose of applying insulation requirements when the
input to this DC-to-DC converter is identified as TNV-2 or
SELV. An additional evaluation is needed if the source is
other than TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If
the input source is a hazardous voltage which is greater
than 60 Vdc and less than or equal to 75 Vdc, for the
module’s output to meet SELV requirements, all of the
following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
If the metal baseplate is grounded, one Vi pin and
one Vo pin shall also be grounded.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
normal-blow fuse with 5A maximum rating to be installed
in the ungrounded lead. A lower rated fuse can be used
based on the maximum inrush transient energy and
maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower
the reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or
drying
is
especially
important
for
un-encapsulated and/or open frame type power
modules. For assistance on appropriate soldering and
cleaning procedures, please contact Delta’s technical
support team.


Similar Part No. - S36SE3R305PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305PKFA DELTA-S36SE3R305PKFA Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE3R305PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com