Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SA3R303NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S24SA3R303NRFA
Description  Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SA3R303NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S24SA3R303NRFA Datasheet HTML 1Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 2Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 3Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SA3R303NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_S24SA1R212_05102006
Delta Electronics, Inc.
Delphi Series S24SA, 2”x1” Family
DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
The Delphi Series S24SA, surface mountable, 24V input, single output,
isolated DC/DC converter is the latest offering from a world leader in
power system and technology and manufacturing -- Delta Electronics, Inc.
This product family provides up to 36 watts of power or up to 12A of
output current (for output voltage 1.8V or below) in a low profile 2”x1”
industry standard form factor and pinout. The S24SA operates from a
wide input range of 18V to 36V, output ranges from 1.2V to 12V. For 1.2V
at 12A full load, the efficiency is up to 85.5%. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions. All
models are protected from abnormal input/output voltage and current
conditions, and feature 2250V input/output isolation and basic insulation.
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
Positive on/off logic
SMD or Through hole mounting
FEATURES
High efficiency: 85.5% @ 1.2V/ 12A
Size: 47.2mm x 29.5mm x 8.5mm
(1.86" x 1.16" x 0.33")
Low profile: 0.33"
Industry standard footprint and pin out
Surface mountable
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
No minimum load required
2:1 input voltage range
Basic insulation
2250 isolation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized,
and TUV (EN60950) certified


Similar Part No. - S24SA3R303NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SA3R303NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com