Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3422 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3422
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3422 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3422 Datasheet HTML 1Page - Allegro MicroSystems 3422 Datasheet HTML 2Page - Allegro MicroSystems 3422 Datasheet HTML 3Page - Allegro MicroSystems 3422 Datasheet HTML 4Page - Allegro MicroSystems 3422 Datasheet HTML 5Page - Allegro MicroSystems 3422 Datasheet HTML 6Page - Allegro MicroSystems 3422 Datasheet HTML 7Page - Allegro MicroSystems 3422 Datasheet HTML 8Page - Allegro MicroSystems 3422 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
Selection Guide
1Pb-based variants are being phased out of the product line. The variants cited in this footnote are in production but have
been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of this device is currently restricted to
existing customer applications. The variants should not be purchased for new design applications because obsolescence in the
near future is probable. Samples are no longer available. Status change: May 1, 2006. These variants include: A3422EKA and
A3422LKA.
2Contact Allegro for additional packing options.
FUNCTIONAL BLOCK DIAGRAM
TIMING DIAGRAM
BOP1
BRP1
Dwg. WH-012A
0
+B
-B
0
+B
-B
BRP2
OUTE1
OUTE2
(INTERNAL)
SPEED
(OUTE1 XOR OUT E2)
BOP2
DIRECTION
td
SPEED
4
DIRECTION
2
E1 OUTPUT
1
X
X
Dwg. FH-018
GROUND
5
3
E1
E2
SUPPLY
POWER-ON
LOGIC
REG
UVLO
Part Number
Pb-Free1
Packing2
Mounting
Ambient, TA
(°C)
A3422EKA-T
Yes
Bulk, 500 pieces/bag
5-pin SIP through hole
–40 to 85
A3422LKA-T
Yes
Bulk, 500 pieces/bag
5-pin SIP through hole
–40 to 150


Similar Part No. - 3422

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3422 UTC-3422 Datasheet
178Kb / 8P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422 Datasheet
241Kb / 6P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422 Datasheet
189Kb / 7P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Heyco.
3422 HEYCO-3422 Datasheet
106Kb / 1P
   Beaded Ties
logo
Schurter Inc.
3422.0003.11 SCHURTER-3422.0003.11 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
More results

Similar Description - 3422

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com