Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND12S0A0V50PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # ND12S0A0V50PNFA
Description  Delphi ND Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~3.63Vout, 50Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

ND12S0A0V50PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  ND12S0A0V50PNFA Datasheet HTML 1Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 2Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 3Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 4Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 5Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 6Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 7Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 8Page - Delta Electronics, Inc. ND12S0A0V50PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Delphi ND Series Non-Isolated Point of Load
DC/DC Power Modules: 12Vin, 0.9V~3.63Vout,
50Aout
The Delphi ND Series, 12V input, single output, non-isolated point of
load (POL) DC/DC converters are the latest offering from a world leader
in power systems technology and manufacturing — Delta Electronics,
Inc. The ND/NE product family is the second generation, non-isolated
point-of-load DC/DC power modules for the datacom/networking/IT
applications and it will help to cut the module size by 35% to 50%
compared to the first generation NC series POL modules. The ND/NE
product family provides 6A to 60A of output current in a vertically or
horizontally mounted through-hole package and the output can be
resistor trimmed from 0.9Vdc to 3.63Vdc. It provides a very cost
effective, high efficiency, and high density point of load solution. With
creative design technology and optimization of component placement,
these
converters
possess
outstanding
electrical
and
thermal
performance, as well as extremely high reliability under highly stressful
operating conditions.
OPTION
Negative on/off logic
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
FEATURES
High Efficiency:
93% @ 12Vin, 3.3V/50A out
Size: 61.0x31.8x10.2mm
(2.40”×1.25”×0.40”)
Voltage and resistor-based trim
No minimum load required
Output voltage programmable from
0.9Vdc to 3.63Vdc via external resistors
Fixed frequency operation
Single-in line package (SIP)
Input UVLO, output OCP, OTP, SCP
Remote ON/OFF (Positive)
Power good output signal (open collector)
Output voltage sense
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada), TUV
(EN60950) --pending
PRELIMINARY DATASHEET
DS_ND12S50A_03082007


Similar Part No. - ND12S0A0V50PNFA

ManufacturerPart #DatasheetDescription
logo
AUK corp
ND101 AUK-ND101 Datasheet
243Kb / 3P
   Antenna Switching Pin Diode
logo
KODENSHI_AUK CORP.
ND101 KODENSHI-ND101 Datasheet
155Kb / 3P
   ND101
logo
PEAK Plastic & Metal Pr...
ND10101.408206 PEAK_Inc-ND10101.408206 Datasheet
201Kb / 2P
   ND10101.408206 REV.A
ND10101.408208 PEAK_Inc-ND10101.408208 Datasheet
206Kb / 2P
   ND10101.408208 REV.A
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
More results

Similar Description - ND12S0A0V50PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V20PNFA DELTA-NC12S0A0V20PNFA Datasheet
714Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com