Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC12S0A0H15PNFA Datasheet(PDF) 14 Page - Delta Electronics, Inc.

Part No. NC12S0A0H15PNFA
Description  Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H15PNFA Datasheet(HTML) 14 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
NC12S15A_02012007
14
PART NUMBERING SYSTEM
NC
12
S
0A0
V
15
P
N
F
A
Product
Series
Input
Voltage
Number of
outputs
Output
Voltage
Mounting
Output
Current
ON/OFF
Logic
Pin
Length
Option
Code
NC-
Non-isolated
Converter
12-
10.2~13.8V
S- Single
output
0A0-
programmable
H- Horizontal
V- Vertical
15 - 15A
P- Positive
N- Negative
R- 0.118”
N- 0.14”
F- RoHS 6/6
(Lead Free)
A- Standard
function.
MODEL LIST
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency
12Vin @ 100% load
NC12S0A0V15PNFA
Vertical
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
15A
91% (5.0V)
NC12S0A0H15PNFA
Horizontal
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
15A
91% (5.0V)
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 x6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0V60PNFADelphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 60A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
NE12S0A0V06PNFADelphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin 0.59V-5.1Vout 6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn