Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC12S0A0H15PNFA Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part No. NC12S0A0H15PNFA
Description  Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H15PNFA Datasheet(HTML) 12 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NC12S15A_02012007
12
THERMAL CURVES (NC12S0A0H15)
19 (0.75”)
MODULE
AIR FLOW
9.5 (0.37”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Note: Wind Tunnel Test Setup Figure Dimensions are in
millimeters and (Inches)
Figure 38: Wind tunnel test setup
Figure 39: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 125
NC12S0A0H15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout =5V (Either Orientation)
0
3
6
9
12
15
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
400LFM
Figure 40: Output current vs. ambient temperature and air
velocity @Vout=5V(Either Orientation)
NC12S0A0H15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout =3.3V (Either Orientation)
0
3
6
9
12
15
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
Figure 41: Output current vs. ambient temperature and air
velocity@ Vout=3.3V(Either Orientation)
NC12S0A0H15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout =1.8V (Either Orientation)
0
3
6
9
12
15
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
Figure 42: Output current vs. ambient temperature and air
velocity@ Vout=1.8V(Either Orientation)
NC12S0A0H15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout =0.9V (Either Orientation)
0
3
6
9
12
15
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
Figure 43: Output current vs. ambient temperature and air
velocity@ Vout=0.9V(Either Orientation)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0V60PNFADelphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 60A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
NE12S0A0V06PNFADelphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin 0.59V-5.1Vout 6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn