Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC12S0A0H15PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. NC12S0A0H15PNFA
Description  Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H15PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Delphi NC15 Series Non-Isolated Point of Load
DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
The Delphi NC15 Series, 12V input, single output, non-isolated point of
load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
The NC15 series operates from a 12V nominal input, provides up to 15A
of power in a vertical or horizontal mounted through-hole package and
the output can be resistor- or voltage-trimmed from 0.9Vdc to 5.0Vdc. It
provides a very cost effective point of load solution. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
OPTIONS
Vertical or horizontal versions
Negative ON/OFF logic
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
FEATURES
High Efficiency:
91% @ 12Vin, 5V/15A out
Size: 30.5x27.9x11.4mm
(1.20”×1.10”×0.45”) -- Vertical
30.5x27.9x12.9mm
(1.20”×1.10”×0.51”) -- Horizontal
Voltage and resistor-based trim
No minimum load required
Output voltage programmable from
0.9Vdc to 5.0Vdc via external resistors
Fixed frequency operation
Input UVLO, output OCP, SCP
Power good output signal
Remote ON/OFF (default: Positive)
ISO 9000, TL 9000, ISO 14001 certified
manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
DATASHEET
DS_NC12S15A_02072007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0V60PNFADelphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 60A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
NE12S0A0V06PNFADelphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin 0.59V-5.1Vout 6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn