Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC12S0A0H15PNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part No. NC12S0A0H15PNFA
Description  Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H15PNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button NC12S0A0H15PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0H15PNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NC12S15A_02012007
7
DESIGN CONSIDERATIONS
The NC15 is a single phase and voltage mode controlled
Buck topology. Block diagram of the converter is shown in
Figure 23. The output can be trimmed in the range of
0.9Vdc to 5.0Vdc by a resistor from Trim pin to Ground.
The converter can be turned ON/OFF by remote control.
Positive on/off (ENABLE pin) logic implies that the
converter DC output is enabled when this signal is driven
high (greater than 2.4V) or floating and disabled when the
signal is driven low (below 0.8V). Negative on/off logic is
optional and could also be ordered.
The converter provides an open collector signal called
Power Good. The power good signal is pulled low when
output is not within ±10% of Vout or Enable is OFF.
The converter can protect itself by entering hiccup mode
against over current and short circuit condition. Also, the
converter will shut down when an over voltage protection
is detected.
Figure 23: Block Diagram
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The output
voltage set-point and the output current in the application
could define the current rating of the fuse.
FEATURES DESCRIPTIONS
ENABLE (On/Off)
The ENABLE (on/off) input allows external circuitry to put
the NC converter into a low power dissipation (sleep)
mode. Positive (active-high) ENABLE is available as
standard.
Positive ENABLE (active-high) units of the NC series are
turned on if the ENABLE pin is high or floating. Pulling the
pin low will turn off the unit. With the active high function,
the output is guaranteed to turn on if the ENABLE pin is
driven above 2.4V. The output will turn off if the ENABLE
pin voltage is pulled below .8V.
The ENABLE input can be driven in a variety of ways as
shown in Figures 24, 25 and 26. If the ENABLE signal
comes from the primary side of the circuit, the ENABLE
can be driven through either a bipolar signal transistor
(Figure 24) or a logic gate (Figure 25). If the enable signal
comes from the secondary side, then an opto-coupler or
other isolation devices must be used to bring the signal
across the voltage isolation (please see Figure 26).
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 24: Enable Input drive circuit for NC series
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
5V
Figure 25: Enable input drive circuit using logic gate.
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 26: Enable input drive circuit example with isolation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0V60PNFADelphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 60A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
NE12S0A0V06PNFADelphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin 0.59V-5.1Vout 6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn