Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL12ZG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL12ZG
Description  LOW-IMPEDANCE DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL12ZG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL12ZG Datasheet HTML 1Page - Micrel Semiconductor SY100EL12ZG Datasheet HTML 2Page - Micrel Semiconductor SY100EL12ZG Datasheet HTML 3Page - Micrel Semiconductor SY100EL12ZG Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10EL12
SY100EL12
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s 290ps propagation delay
s Dual outputs for 25
drive applications
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL12 are low-impedance drive buffers.
With two pairs of OR/NOR outputs, the devices are ideally
suited for high drive applications such as memory
addressing. These devices are functionally equivalent to
the E112 devices, with higher performance capabilities.
With propagation delays significantly faster than the E112,
the EL12 is ideally suited for those applications which
require the ultimate in AC performance.
FEATURES
LOW-IMPEDANCE
DRIVER
PIN NAMES
Pin
Function
D0, D1
Data Inputs
Qa, Qb
Data Outputs
SY10EL12
SY100EL12
1
Rev.: G
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100EL12ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL12ZC MICREL-SY100EL12ZC Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
SY100EL12ZCTR MICREL-SY100EL12ZCTR Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
More results

Similar Description - SY100EL12ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
logo
ON Semiconductor
MC10EL12 ONSEMI-MC10EL12 Datasheet
73Kb / 2P
   Low Impedance Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com