Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NE12S0A0V06PNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part No. NE12S0A0V06PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NE12S0A0V06PNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS_NE12S06A_02012007
2
TECHNICAL SPECIFICATIONS
(Ambient Temperature=25°C, minimum airflow=200LFM, nominal Vin=12Vdc unless otherwise specified.)
PARAMETER
NOTES and CONDITIONS
NE12S0A0V/H06
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
3.0
13.8
Vdc
Operating Temperature (Vertical)
Refer to Fig.26 for the measuring point
0
104
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
3.0
13.8
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
3.1
V
Turn-Off Voltage Threshold
2.8
V
Lockout Hysteresis Voltage
0.3
V
Maximum Input Current
12Vin, 5Vo, operating, full load
2.7
A
No-Load Input Current
Vin=12V, Vout=5V
50
mA
Off Converter Input Current
Remote OFF
10
mA
Input Reflected-Ripple Current
5
10
mA
Input Ripple Rejection
120Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.59
5.1
V
Output Voltage Set Point
With a 0.1% trim resistor
-1
+1
%
Output Voltage Regulation
Over Load
Io=Io_min to Io_max
± 0.5
± 1
%
Over Line
Vin=Vin_min to Vin_max
± 0.2
± 0.4
%
Over Temperature
Ta=0~70°C
± 0.3
± 0.6
Total output range
Over load, line, temperature regulation and set point
-3
+3
%
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 0.5Vo
10
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 0.9Vo
15
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 2.5Vo
30
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 5Vo
40
mV
RMS
Full Load, 10uF Tan cap, 12Vin, 5Vo
10
mV
Output Current Range
0
6
A
Output Voltage Over-shoot at Start-up
Vin=12V, Turn ON
0.5
%
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF
100
mV
Output DC Current-Limit Inception
Hiccup mode
110
200
%Iomax
Output short-circuit current RMS value
4
Arms
DYNAMIC CHARACTERISTICS
Output Dynamic Load Response
12Vin, 2.5Vout, 10µF ceramic cap
Positive Step Change in Output Current
50~100% load , 10A/uS
150
mV
Negative Step Change in Output Current
50~100% load , 10A/uS
150
mV
Settling Time
Settling to be within regulation band (to 10% Vo deviation)
100
µs
Turn-On Transient
Start-Up Time, from On/Off Control
From Enable high to 90% of Vo
3
ms
Start-Up Time, from input power
From Vin=12V to 90% of Vo
3
ms
Minimum Output Capacitance
0
µF
Maximum Output Startup Capacitive Load
Full Load
1000
µF
EFFICIENCY
Vo=0.59V
Vin=12V, Io=6A
72
%
Vo=0.9V
Vin=12V, Io=6A
79
%
Vo=2.5V
Vin=12V, Io=6A
90.5
%
Vo=5.0V
Vin=12V, Io=6A
94.5
%
SINK EFFICIENCY
Vo=5.0V
Vin=12V, Io=6A
92
%
FEATURE CHARACTERISTICS
Switching Frequency
Fixed
600
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
0.8
V
Logic Low
Module Off
0
0.3
V
GENERAL SPECIFICATIONS
Calculated MTBF
Ta=25℃, 300LFM, 80% load
TBD
Mhours
Weight
2
grams


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0V60PNFADelphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 60A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
DNT04Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin 0.75~3.3Vo 3A out 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn