Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC12S0A0V60PNFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. NC12S0A0V60PNFA
Description  Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V60PNFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  NC12S0A0V60PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V60PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
DS_NC12S60A_02072007
ELECTRICAL CHARACTERISTICS CURVES
0
10
20
30
40
50
60
70
80
90
100
0
1020
30
4050
60
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
5060
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
Figure 1: Converter efficiency vs. output current
(0.9V output voltage)
Figure 2: Converter efficiency vs. output current
(1.2V output voltage)
0
10
20
30
40
50
60
70
80
90
100
0
1020
30
4050
60
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
5060
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
Figure 3: Converter efficiency vs. output current
(1.5V output voltage)
Figure 4: Converter efficiency vs. output current
(1.8V output voltage)
0
10
20
30
40
50
60
70
80
90
100
0
1020
30
4050
60
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
5060
Output Current (A)
Vin = 11.04V
Vin = 12.0V
Vin = 12.6V
Figure 5: Converter efficiency vs. output current
(2.5V output voltage)
Figure 6: Converter efficiency vs. output current
(3.3V output voltage)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC12S0A0H30PNFADelphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 30A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H40PNFADelphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5Vout 40A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H06PNFADelphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A 1 2 3 4 5 MoreDelta Electronics, Inc.
NC12S0A0H20PNFADelphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL04S0A0R16PFADelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNL10S0A0R16PFDDelphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNM04S0A0R10PFADelphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
DNS04S0A0S06PFADelphi DNS Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/6Aout 1 2 3 4 5 MoreDelta Electronics, Inc.
DNT04Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin 0.75~3.3Vo 3A out 1 2 3 4 5 MoreDelta Electronics, Inc.
E48SH3R330Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn