Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL04 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL04
Description  2-INPUT AND/NAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL04 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL04_06 Datasheet HTML 1Page - Micrel Semiconductor SY10EL04_06 Datasheet HTML 2Page - Micrel Semiconductor SY10EL04_06 Datasheet HTML 3Page - Micrel Semiconductor SY10EL04_06 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10EL04
SY100EL04
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
2-INPUT
AND/NAND
PIN NAMES
Pin
Function
D0, D1
Data Inputs
Q
Data Outputs
SY10EL04
SY100EL04
s 240ps propagation delay
s High bandwidth output transitions
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL04 are 2-input AND/NAND gates.
These devices are functionally equivalent to the E104
devices, with higher performance capabilities. With
propagation delays and output transition times
significantly faster than the E104, the EL04 is ideally
suited for those applications which require the ultimate
in AC performance.
Rev.: G
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10EL04_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL04ZC MICREL-SY10EL04ZC Datasheet
46Kb / 4P
   2-INPUT AND/NAND
SY10EL04ZCTR MICREL-SY10EL04ZCTR Datasheet
46Kb / 4P
   2-INPUT AND/NAND
More results

Similar Description - SY10EL04_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL04 MICREL-SY10EL04 Datasheet
46Kb / 4P
   2-INPUT AND/NAND
logo
ON Semiconductor
MC10EL04 ONSEMI-MC10EL04 Datasheet
71Kb / 2P
   2-Input AND/NAND
1996 REV 2
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com