Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E457JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E457JC
Description  TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E457JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E457JC Datasheet HTML 1Page - Micrel Semiconductor SY100E457JC Datasheet HTML 2Page - Micrel Semiconductor SY100E457JC Datasheet HTML 3Page - Micrel Semiconductor SY100E457JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E457
SY100E457
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VBB
Output Reference Voltage
V—
10E
–1.38
–1.27 –1.35
–1.25
–1.31
–1.19
100E
–1.38
–1.26 –1.38
–1.26
–1.38
–1.26
IIH
Input HIGH Current
150
150
150
µA—
IEE
Power Supply Current
mA
10E
92
110
92
110
92
110
100E
92
110
92
110
106
127
VPP (DC)
Input Sensitivity
50
50
50
mV
1
VCMR
Common Mode Range
–1.5
0
–1.5
0
–1.5
0
V
2
Notes:
1. Differential input voltage required to obtain a full ECL swing on the outputs.
2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP (min.) and <1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
D (Diff)
375
475
650
375
475
650
375
475
650
D
325
475
700
325
475
700
325
475
700
SEL
350
500
725
350
500
725
350
500
725
COMSEL
375
525
750
375
525
750
375
525
750
tskew
Within-Device Skew
40
40
40
ps
1
tskew
Duty Cycle Skew tPLH–tPHL
±10
±10
±10
ps
2
VPP (AC)
Minimum Input Swing
150
150
150
mV
3
tr
Rise/Fall Time
150
275
450
150
275
450
150
275
450
ps
tf
20–80%
Notes:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Duty cycle skew guarantee holds only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the
outputs.
3. Minimum input swing for which AC parameters are guaranteed.


Similar Part No. - SY100E457JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E457JC MICREL-SY100E457JC Datasheet
61Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY100E457JCTR MICREL-SY100E457JCTR Datasheet
61Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results

Similar Description - SY100E457JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457 Datasheet
110Kb / 5P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457 Datasheet
61Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVEL59 ONSEMI-MC100LVEL59 Datasheet
98Kb / 3P
   Triple 2:1 Multiplexer
1996 REV 1
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC100LVEL59 ONSEMI-MC100LVEL59_06 Datasheet
109Kb / 6P
   3.3V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 4
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com