Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC12S0A0H40PNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part No. NC12S0A0H40PNFA
Description  Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H40PNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  NC12S0A0H40PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_NC12S40A_02072007
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=400LFM, Vin=12Vdc, nominal Vout unless otherwise noted)
PARAMETER
NOTES and CONDITIONS
NC12S0A0V40
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
14
Vdc
Operating Temperature
0
50
°C
Storage Temperature
-40
125
°C
Input/Output Isolation Voltage
Non-isolated
NA
V
INPUT CHARACTERISTICS
Operating Input Voltage
10.2
12
13.8
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
9.0
V
Turn-Off Voltage Threshold
8.3
V
Lockout Hysteresis Voltage
0.7
V
Maximum Input Current
100% Load, 10.2Vin, 5Vout
23
A
No-Load Input Current
160
mA
Off Converter Input Current
40
mA
Input Reflected-Ripple Current
Refer to Figure 35
150
mA
Input Voltage Ripple Rejection
120 Hz
55
dB
Output Short-Circuit Input Current
1
A
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.9
5.0
V
Output Voltage Set Point
Vin=12V, Io=Io,max, 1% trim resistors
-3.0
+3.0
%
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
-1.0
+1.0
%
Over Line
Vin=Vin,min to Vin,max
-0.2
+0.2
%
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
15
mV
Output Current Range
0
40
A
Output Voltage Over-shoot at Start-up
Vin=12V, Turn ON
1
%
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF
100
mV
Output DC Current-Limit Inception
62
A
DYNAMIC CHARACTERISTICS
Out Dynamic Load Response
12Vin, 10µF Tan & 1µF Ceramic load cap, 10A/µs
Positive Step Change in Output Current
50% Io,max to 75% Io,max
75
mV
Negative Step Change in Output Current
75% Io,max to 50% Io,max
75
mV
Settling Time
Settling to be within regulation band (+/- 3.0%)
150
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Vin=12V, Vo=10% of Vo,set
10
ms
Start-Up Time, From Input
Vo=10% of Vo,set
30
ms
Minimum Output Startup Capacitive Load
Ex: Three OSCON 6.3V/680µF (ESR 13mΩ max each)
2040
µF
Maximum Output Startup Capacitive Load
Full load
6120
µF
Minimum Input Capacitance
Ex: Two OSCON 16V/270µF (ESR 18mΩ max each)
540
µF
EFFICIENCY
Vo=0.9V
Vin=12V, Io=30A
75
%
Vo=1.2V
Vin=12V, Io=30A
80
%
Vo=1.5V
Vin=12V, Io=30A
83
%
Vo=1.8V
Vin=12V, Io=30A
85
%
Vo=2.5V
Vin=12V, Io=30A
88
%
Vo=3.3V
Vin=12V, Io=30A
90
%
Vo=5.0V
Vin=12V, Io=30A
92
%
FEATURE CHARACTERISTICS
Switching Frequency
300
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
2.4
5.5
V
Logic Low
Module Off
0
0.8
V
Remote Sense Range
400
mV
GENERAL SPECIFICATIONS
MTBF
Telcordia SR-332 Issue1 Method1 Case3 at 50C
2.5
M hours
Weight
37
grams
Over-Temperature Shutdown
Auto restart, refer to Figs 36 & 41 for the measuring point
130
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn