Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0H40PNFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # NC12S0A0H40PNFA
Description  Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H40PNFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button NC12S0A0H40PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 12Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 13Page - Delta Electronics, Inc. NC12S0A0H40PNFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS_NC12S40A_02072007
11
Figure 40: Output current vs. ambient temperature and air
velocity@ Vout=0.9V(Either Orientation)
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 0.9V(Either Orientation)
0
5
10
15
20
25
30
35
40
45
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 39: Output current vs. ambient temperature and air
velocity@ Vout=1.5V(Either Orientation)
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 1.5V(Either Orientation)
0
5
10
15
20
25
30
35
40
45
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 38: Output current vs. ambient temperature and air
velocity@ Vout=3.3V(Either Orientation)
THERMAL CURVES (NC12S0A0V40)
Test Section for NC12S0A0V40
MODULE
AIR FLOW
19 (0.75”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
38 (1.5”)
Note: Wind Tunnel Test Setup Figure Dimensions are in
millimeters and (Inches)
Figure 36: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 125
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 5V(Either Orientation)
0
5
10
15
20
25
30
35
40
45
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 37: Output current vs. ambient temperature and air
velocity@ Vout=5V(Either Orientation)
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 3.3V(Either Orientation)
0
5
10
15
20
25
30
35
40
45
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM


Similar Part No. - NC12S0A0H40PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
993Kb / 14P
   No minimum load required
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
More results

Similar Description - NC12S0A0H40PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com