Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC12S0A0H06PNFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part No. NC12S0A0H06PNFA
Description  Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H06PNFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS_NC12S06A_02072007
6
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 19: Typical transient response to step load change at
10A/µS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 0.9V out
Figure 20: Typical transient response to step load change at
10A/µS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 1.2V out
Figure 21: Typical transient response to step load change at
10A/µS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 2.5V out
Figure 22: Typical transient response to step load change at
10A/µS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 5.0V out


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn