Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC12S0A0H06PNFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. NC12S0A0H06PNFA
Description  Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H06PNFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS_NC12S06A_02072007
3
ELECTRICAL CHARACTERISTICS CURVES
0
10
20
30
40
50
60
70
80
90
0.01.0
2.03.0
4.05.0
6.0
Output Current (A)
10.2
12
13.8
Figure 1: Converter efficiency vs. output current
(0.9V output voltage)
Figure 2: Converter efficiency vs. output current
(1.2V output voltage)
0
10
20
30
40
50
60
70
80
90
0.01.0
2.03.0
4.05.0
6.0
Output Current (A)
10.2
12
13.8
0
20
40
60
80
100
0.01.0
2.03.0
4.0
5.0
6.0
Output Current (A)
10.2
12
13.8
Figure 3: Converter efficiency vs. output current
(1.8V output voltage)
Figure 4: Converter efficiency vs. output current
(2.5V output voltage)
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Output Current (A)
10.2
12
13.8
0
10
20
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Output Current (A)
10.2
12
13.8
Figure 5: Converter efficiency vs. output current
(3.3V output voltage)
Figure 6: Converter efficiency vs. output current
(5.0V output voltage)
0
10
20
30
40
50
60
70
80
90
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Output Current (A)
10.2
12
13.8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn