Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC12S0A0H06PNFA Datasheet(PDF) 14 Page - Delta Electronics, Inc.

Part No. NC12S0A0H06PNFA
Description  Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

NC12S0A0H06PNFA Datasheet(HTML) 14 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DS_NC12S06A_02072007
14
PART NUMBERING SYSTEM
MODEL LIST
NC
12
S
0A0
V
06
P
N
F
A
Product
Series
Input
Voltage
Number of
outputs
Output
Voltage
Mounting
Output
Current
ON/OFF
Logic
Pin
Length
Option
Code
NC-
Non-isolated
Converter
12-
10.2~13.8V
S- Single
output
0A0 -
programmable
H- Horizontal
V- Vertical
06- 6A
P- Positive
N- Negative
N- 0.14”
R- 0.118”
F- RoHS 6/6
(Lead Free)
A- standard
function
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency
12Vin @ 100% load
NC12S0A0V06PNFA
Vertical
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
6A
91% (5.0V)
NC12S0A0H06PNFA
Horizontal
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
6A
91% (5.0V)
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 ext. 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.twT
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn