Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYX134GPS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYX134GPS
Description  High-voltage car ignition diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX134GPS Datasheet(HTML) 3 Page - NXP Semiconductors

  BYX134GPS Datasheet HTML 1Page - NXP Semiconductors BYX134GPS Datasheet HTML 2Page - NXP Semiconductors BYX134GPS Datasheet HTML 3Page - NXP Semiconductors BYX134GPS Datasheet HTML 4Page - NXP Semiconductors BYX134GPS Datasheet HTML 5Page - NXP Semiconductors BYX134GPS Datasheet HTML 6Page - NXP Semiconductors BYX134GPS Datasheet HTML 7Page - NXP Semiconductors BYX134GPS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Jan 13
3
Philips Semiconductors
Product specification
High-voltage car ignition diode
BYX134GPS
GRAPHICAL DATA
handbook, halfpage
020
200
0
40
80
120
160
4
IF
(mA)
812
16
VF (V)
MBL046
Fig.2
Forward current as a function of maximum
forward voltage.
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.


Similar Part No. - BYX134GPS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYX134GP PHILIPS-BYX134GP Datasheet
60Kb / 4P
   High-voltage car ignition diodes
1998 Dec 04
logo
EIC discrete Semiconduc...
BYX134GPL EIC-BYX134GPL Datasheet
49Kb / 2P
   HIGH VOLTAGE AUTOMOTIVE IGNITION DIODE
More results

Similar Description - BYX134GPS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYX135G PHILIPS-BYX135G Datasheet
41Kb / 8P
   High-voltage car ignition diode
2000 Feb 29
BYX133G PHILIPS-BYX133G Datasheet
41Kb / 8P
   High-voltage car ignition diode
2000 Feb 29
BYX133GL PHILIPS-BYX133GL Datasheet
37Kb / 4P
   High-voltage car ignition diode
2000 Jan 13
BYX133GPL PHILIPS-BYX133GPL Datasheet
42Kb / 8P
   High-voltage car ignition diode
2001 Oct 02
BYX135GL PHILIPS-BYX135GL Datasheet
36Kb / 4P
   High-voltage car ignition diode
2000 Jan 13
BYX132G PHILIPS-BYX132G Datasheet
36Kb / 4P
   High-voltage car ignition diode
2000 Feb 29
BYX132GL PHILIPS-BYX132GL Datasheet
36Kb / 4P
   High-voltage car ignition diode
2000 Jan 13
BYX134G PHILIPS-BYX134G Datasheet
41Kb / 8P
   High-voltage car ignition diode
2000 Feb 29
BYX134GL PHILIPS-BYX134GL Datasheet
37Kb / 4P
   High-voltage car ignition diode
2000 Feb 29
BYX134GP PHILIPS-BYX134GP Datasheet
60Kb / 4P
   High-voltage car ignition diodes
1998 Dec 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com