Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E404JZTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100E404JZTR
Description  QUAD DIFFERENTIAL AND/NAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E404JZTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100E404JZTR Datasheet HTML 1Page - Micrel Semiconductor SY100E404JZTR Datasheet HTML 2Page - Micrel Semiconductor SY100E404JZTR Datasheet HTML 3Page - Micrel Semiconductor SY100E404JZTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E404
SY100E404
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E404JC
J28-1
Commercial
SY10E404JC
Sn-Pb
SY10E404JCTR(2)
J28-1
Commercial
SY10E404JC
Sn-Pb
SY100E404JC
J28-1
Commercial
SY100E404JC
Sn-Pb
SY100E404JCTR(2)
J28-1
Commercial
SY100E404JC
Sn-Pb
SY10E404JZ(3)
J28-1
Commercial
SY10E404JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E404JZTR(2, 3)
J28-1
Commercial
SY10E404JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E404JZ(3)
J28-1
Commercial
SY100E404JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E404JZTR(2, 3)
J28-1
Commercial
SY100E404JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
D2b
VEE
D2a
D2b
D2a
D1b
D1b
Q2
VCC
Q1
Q0
Q2
Q1
Q0


Similar Part No. - SY100E404JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E404JC MICREL-SY100E404JC Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
SY100E404JCTR MICREL-SY100E404JCTR Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
More results

Similar Description - SY100E404JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10E404 ONSEMI-MC10E404 Datasheet
108Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
1996 REV 2
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com