Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-2125B4QDR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. LCP-2125B4QDR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-2125B4QDR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DELTA ELECTRONICS, INC.
3
Nov., 2006
Rev. 1D
www.deltaww.com
Optical Characteristics
(VCC=3.3V ± 5%, Data Rate=2.125 Gb/sec, PRBS=2
7-1 NRZ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-10
-3
dBm
Optical Extinction Ratio
9
dB
Center Wavelength
λC
1270
1310
1360
nm
Spectral Width (RMS)
σ
4
nm
Optical Rise/Fall Time
tr/ tf
160
psec
1
Output Eye
Complies with the ANSI FC-PI Rev. 13 specification, and is class 1
laser eye safety
Receiver
Sensitivity (Avg.)
PIN
-17
dBm
2
Input Optical Wavelength
λ
1310
nm
LOS-Deasserted (Avg.)
PA
-17
dBm
LOS-Asserted (Avg.)
PD
-30
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
PO
-3
dBm
Notes:
1. These are 20%~80% values
2. The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 2.125Gb/s,
2
7-1 PRBS and ER=9dB.
Mask of the eye diagram for the optical transmit signal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn