Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-2125B4QDR Datasheet(PDF) 14 Page - Delta Electronics, Inc.

Part No. LCP-2125B4QDR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-2125B4QDR Datasheet(HTML) 14 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DELTA ELECTRONICS, INC.
14
Nov., 2006
Rev. 1D
www.deltaww.com
Ordering information for SFP modules
LCP-2125X1X2X3X4X5X6
X1: Fiber
B
: Single-mode 1310nm
X4: Digital Diagnostic Function
D
: DDM series, with digital diagnostic
function
X2: Power Supply Voltage and SD Level
4
: 3.3V, TTL SD Level
X5: Housing Type
R
: RoHS Compliant
X3: Distance
Q
: 10km
X6: Temperature
Blank
: -5 to +70 degree C
H
: -10 to +85 degree C
T
: -40 to +85 degree C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn