Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-2125B4QDR Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part No. LCP-2125B4QDR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-2125B4QDR Datasheet(HTML) 12 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DELTA ELECTRONICS, INC.
12
Nov., 2006
Rev. 1D
www.deltaww.com
PS: Sensitivity optical power of receiver
5) Byte 95 contains the low order 8bits of sum of bytes 0-94
6)
State/ Control Bits
Byte
Bit
Name
Description
110
7
Tx Disable State
Digital state of the Tx disable input pin
110
6
Soft Tx Disable
Read/ Write bit that allow software disable of laser
110
5
Reserved
110
4
Rate Select tate
NA
110
3
Soft Rate Select
NA
110
2
Tx Fault
Digital state of the Tx fault output pin
110
1
LOS
Digital state of the LOS output pin.
110
0
Data_Ready_Bar
NA
7)
Optional Set of Alarm and Warning
Byte
Bit
Name
Description
112
7
Temp High Alarm
Set when internal temperature exceeds high alarm level
112
6
Temp Low Alarm
Set when internal temperature is below low alarm level
112
5
Vcc High Alarm
Set when internal supply voltage exceeds high alarm level
112
4
Vcc Low Alarm
Set when internal supply voltage is below low alarm level
112
3
Tx Bias High Alarm
Set when Tx Bias current exceeds high alarm level
112
2
Tx Bias Low Alarm
Set when Tx Bias current is below low alarm level
112
1
Tx Power High Alarm
Set when Tx output power exceeds high alarm level
112
0
Tx Power Low Alarm
Set when Tx output power is below low alarm level
113
7
Rx Power High Alarm
Set when received power exceeds high alarm level
113
6
Rx Power Low Alarm
Set when received power is below low alarm level
113
5-0
Reserved
116
7
Temp High Warning
Set when internal temperature exceeds high warning level
116
6
Temp Low Warning
Set when internal temperature is below low warning level
116
5
Vcc High Warning
Set when internal supply voltage exceeds high warning level
116
4
Vcc Low Warning
Set when internal supply voltage is below low warning level
116
3
Tx Bias High Warning
Set when Tx Bias current exceeds high warning level
116
2
Tx Bias Low Warning
Set when Tx Bias current is below low warning level
116
1
Tx Power High Warning
Set when Tx output power exceeds high warning level
116
0
Tx Power Low Warning
Set when Tx output power is below low warning level
117
7
Rx Power High Warning
Set when received power exceeds high warning level
117
6
Rx Power Low Warning
Set when received power is below low warning level
117
5-0
Reserved
Digital Diagnostic Monitor Accuracy
Parameter
Typical Value
Note
Transceiver Temperature
± 3℃
1
Power Supply Voltage
± 3%
2
TX Bias Current
± 10%
TX Optical Power
± 1.5dB
RX Optical Power
± 3dB
Notes:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn