Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250RJ3SR-L Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # LCP-1250RJ3SR-L
Description  RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250RJ3SR-L Datasheet(HTML) 8 Page - Delta Electronics, Inc.

  LCP-1250RJ3SR-L Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250RJ3SR-L Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LCP-1250RJ3SR-S
DELTA ELECTRONICS, INC.
Page 8 of 8
Dec. 18. 2006 Rev. 1.01
www.deltaww.com
Related Product
1. LCP-1250RJ3SR, SFP Copper Transceiver, IEEE 802.3z/Gigabit Ethernet, standard CAT 5 UTP
2. GBIC-1250RJ3SR, GBIC Transceiver, 1250Mb/s, data link up to 100 m on standard CAT 5 UTP.
3. LCP-1250RJ3SR-L, SFP Copper Transceiver with Rx-Los Indicator, IEEE 802.3z/Gigabit Ethernet,
standard CAT 5 UTP
References
1. “Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA)”, September 14, 2000
2. “IEEE Std 802.3, 2002 Edition”. IEEE Standards Department, 2002.
3. “AT24C01A/02/04/08/16 2-Wire Serial CMOS EEPROM”, Atmel Corporation. www.atmel.com
4. “Alaska Ultra 88E1111 Integrated 10/100/1000 Gigabit Ethernet Transceiver”,
Marvell Corporation. www.marvell.com
5. “Serial-GMII Specification Revision 1.8”, Cisco System Corporation. Www.cisco.com,


Similar Part No. - LCP-1250RJ3SR-L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR-L DELTA-LCP-1250RJ3SR-L Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
More results

Similar Description - LCP-1250RJ3SR-L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com