Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V245-15PAG Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V245-15PAG
Description  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V245-15PAG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74V245-15PAG Datasheet HTML 7Page - Texas Instruments SN74V245-15PAG Datasheet HTML 8Page - Texas Instruments SN74V245-15PAG Datasheet HTML 9Page - Texas Instruments SN74V245-15PAG Datasheet HTML 10Page - Texas Instruments SN74V245-15PAG Datasheet HTML 11Page - Texas Instruments SN74V245-15PAG Datasheet HTML 12Page - Texas Instruments SN74V245-15PAG Datasheet HTML 13Page - Texas Instruments SN74V245-15PAG Datasheet HTML 14Page - Texas Instruments SN74V245-15PAG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
Table 4. Status Flags for Standard Mode
NUMBER OF WORDS IN FIFO
FF
PAF
HF
PAE
EF
SN74V215
SN74V225
SN74V235
SN74V245
FF
PAF
HF
PAE
EF
0
0
0
0
H
H
H
L
L
1 to n†
1 to n†
1 to n†
1 to n†
H
H
H
L
H
(n+1) to 256
(n+1) to 512
(n+1) to 1024
(n+1) to 2048
H
H
H
H
H
257 to [512–(m+1)]‡
513 to [1025–(m+1)]‡
1025 to [2048–(m+1)]‡
2049 to [4096–(m+1)]‡
H
H
L
H
H
(512–m) to 511
(1024–m) to 1023
(2048–m) to 2047
(4096–m) to 4095
H
L
L
H
H
512
1024
2048
4096
L
L
L
H
H
† n = Empty offset (SN74V215 n = 63; SN74V225, SN74V235, and SN74V245 n = 127)
‡ m = Full offset (SN74V215 m = 63; SN74V225, SN74V235, and SN74V245 m = 127)
PROGRAMMABLE FLAG LOADING
Full- and empty-flag offset values can be user programmable. The SN74V215, SN74V225, SN74V235, and
SN74V245 have internal registers for these offsets. Default settings are stated in the footnotes of Table 3 and
Table 4. Offset values are loaded into the FIFO using the data input lines D0–D11. To load the offset registers,
the load (LD) pin and WEN pin must be held low. Data present on D0–D11 is transferred to the empty offset
register on the first low-to-high transition of WCLK. By continuing to hold the LD and WEN pins low, data present
on D0–D11 is transferred into the full offset register on the next transition of the WCLK. The third transition again
writes to the empty offset register. Writing to all offset registers does not have to occur at the same time. One
or two offset registers can be written and, then, by bringing the LD pin high, the FIFO is returned to normal
read/write operation. When the LD pin and WEN again are set low, the next offset register in sequence is written.
The contents of the offset registers can be read on the data output lines Q0–Q11 when the LD pin is set low,
and REN is set low. Data then can be read on the next low-to-high transition of RCLK. The first transition of RCLK
presents the empty offset value to the data output lines. The next transition of RCLK presents the full offset
value. Offset register content can be read in the standard mode only. It cannot be read in the FWFT mode.
SYNCHRONOUS vs ASYNCHRONOUS PROGRAMMABLE FLAG TIMING SELECTION
The SN74V215, SN74V225, SN74V235, and SN74V245 can be configured during the configuration-at-reset
cycle (see Table 5) with either asynchronous or synchronous timing for PAE and PAF flags.
If asynchronous PAE/PAF configuration is selected (see Table 5), the PAE is asserted low on the low-to-high
transition of RCLK. PAE is reset to high on the low-to-high transition of WCLK. Similarly, the PAF is asserted
low on the low-to-high transition of WCLK, and PAF is reset to high on the low-to-high transition of RCLK. For
detailed timing diagrams, see Figure 9 for asynchronous PAE timing and Figure 10 for asynchronous PAF
timing.
If synchronous PAE/PAF configuration is selected, PAE is asserted and updated on the rising edge of RCLK
only, but not WCLK. Similarly, PAF is asserted and updated on the rising edge of WCLK only, but not RCLK.
For detailed timing diagrams, see Figure 18 for synchronous PAE timing and Figure 19 for synchronous PAF
timing.


Similar Part No. - SN74V245-15PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAGEP TI1-SN74V245-15PAGEP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74V245-15PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com