Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T7026 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. T7026
Description  ISM 2.4 GHz Front End IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

T7026 Datasheet(HTML) 2 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
4563E–ISM–07/05
T7026
2.
Pin Configuration
Figure 2-1.
Pinning QFN20
1
2
3
4
5
15
14
13
12
11
10
6
7
8
9
16
20
19
18
17
RX_ON
R_SWITCH
SWITCH_OUT_RX
SWITCH_OUT_TX
GND_LNA1
V2_PA
V2_PA
GND
V1_PA
NC
T7026
Figure 2-2.
Pin Description
Pin
Symbol
Function
1
RX_ON
RX active high
2
R_SWITCH
Resistor to GND sets the PIN diode current
3
SWITCH_OUT_RX
Switched current output for PIN diode (active in RX mode)
4
SWITCH_OUT_TX
Switched current output for PIN diode (active in TX mode)
5
GND_LNA1
Ground
6
LNA_IN
Low-noise amplifier input
7
GND_LNA2
Ground
8
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
9
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
10
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
11
V2_PA
Inductor to power supply for power amplifier
12
V2_PA
Inductor to power supply for power amplifier
13
GND
Ground
14
V1_PA
Supply voltage for power amplifier
15
NC
Not connected
16
RAMP
Power ramping control input
17
PA_IN
Power amplifier input
18
VS_LNA
Supply voltage input for low-noise amplifier
19
LNA_OUT
Low-noise amplifier output
20
PU
Power-up active high
Slug
GND
Ground


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRM046U2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN 1 Sharp Electrionic Components
U4062BHF Front End for Car Radios and HiFi Receivers 1 2 3 4 5 MoreTEMIC Semiconductors
PMB6625Transceiver for Bluetooth FH-SS 2.4 GHz Systems 1 Infineon Technologies AG
UPG2162T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
MC132012.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard 1 2 3 4 5 MoreFreescale Semiconductor, Inc
SST12LP152.4 GHz High-Power High-Gain Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M61048FPBattery Protection Analog Front End AFE IC 1 2 3 4 5 MoreRenesas Technology Corp

Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn