Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCP-1250B4MDR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. LCP-1250B4MDR
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4MDR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  LCP-1250B4MDR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DELTA ELECTRONICS, INC.
3
Aug., 2006
Rev. 6A
www.deltaww.com
Optical Characteristics
(VCC=3.3V ± 5%, Data Rate=1250Mb/sec, PRBS=2
7-1 NRZ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
LCP-1250B4Mxx
LCP-1250D4Mxx
LCP-1250D4Wxx
LCP-1250D4Rxx
LCP-1250D4Vxx
PO
-4
-4
-3
0
0
1
1
2
5
5
dBm
Optical Extinction Ratio
ER
9
dB
Center Wavelength
LCP-1250B4 Series
LCP-1250D4 Series
λC
1274
1530
1310
1550
1355
1570
nm
Spectral Width
LCP-1250B4Mxx (-20dB)
LCP-1250D4 Series (-20dB)
σ
1
1
nm
Side-mode Suppression Ratio
LCP-1250B4Mxx
LCP-1250D4 Series
SMSR
30
30
dB
Optical Rise/ Fall Time
tr/tf
260
psec
1
Relative Intensity Noise
RIN
-120
dB/Hz
Output Eye
Compliant with IEEE 802.3z
Receiver
Sensitivity (Avg.)
LCP-1250B4Mxx
LCP-1250D4Mxx
LCP-1250D4Wxx
LCP-1250D4Rxx
LCP-1250D4Vxx
PIN
-23
-21
-24
-24
-30
dBm
2
Input Optical Wavelength
λ
1270
1570
nm
LOS-Deasserted (Avg.)
LCP-1250B4Mxx
LCP-1250D4Mxx
LCP-1250D4Wxx
LCP-1250D4Rxx
LCP-1250D4Vxx
PA
-23
-21
-24
-24
-30
dBm
LOS-Asserted (Avg.)
PD
-40
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
LCP-1250B4Mxx
LCP-1250D4 Series
LCP-1250D4Vxx
PO
-1
-1
-9
dBm
Notes:
1. These are unfiltered 20%~80% values
2. The sensitivity is provided at a BER of 1×10
-12or better with an input signal consisting of 1250Mb/s,
2
7-1 PRBS and ER=9dB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn