Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250DR Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # LCP-1250DR
Description  RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250DR Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  LCP-1250DR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250DR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DELTA ELECTRONICS, INC.
4
Oct., 2006
Rev. 6F
www.deltaww.com
SFP Transceiver Electrical Pad Layout
Pin Function Definitions
Pin Num.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
Module disables on high or open
4
MOD-DEF2
Module Definition 2
3
Note 3, 2 wire serial ID interface
5
MOD-DEF1
Module Definition 1
3
Note 3, 2 wire serial ID interface
6
MOD-DEF0
Module Definition 0
3
Note 3, Grounded in Module
7
Rate Select
Not Connect
3
Function not available
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
Note 5
10
VeeR
Receiver Ground
1
Note 5
11
VeeR
Receiver Ground
1
Note 5
12
RD-
Inv. Received Data Out
3
Note 6
13
RD+
Received Data Out
3
Note 7
14
VeeR
Receiver Ground
1
Note 5
15
VccR
Receiver Power
2
3.3 ± 5%, Note 7
16
VccT
Transmitter Power
2
3.3 ± 5%, Note 7
17
VeeT
Transmitter Ground
1
Note 5
18
TD+
Transmit Data In
3
Note 8
19
TD-
Inv. Transmit Data In
3
Note 8
20
VeeT
Transmitter Ground
1
Note 5
Plug Seq.: Pin engagement sequence during hot plugging.


Similar Part No. - LCP-1250DR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250D4MDR DELTA-LCP-1250D4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250D4MDRH DELTA-LCP-1250D4MDRH Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250D4MDRT DELTA-LCP-1250D4MDRT Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250D4RDR DELTA-LCP-1250D4RDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250D4RDRH DELTA-LCP-1250D4RDRH Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250DR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5320Z AVAGO-HFBR-5320Z Datasheet
236Kb / 8P
   200 MBd RoHS Compliant SBCON Multimode Fiber Transceiver
logo
Finisar Corporation.
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
FTLF1421P1BTL-3G FINISAR-FTLF1421P1BTL-3G Datasheet
638Kb / 10P
   RoHS Compliant Pluggable SFP Transceiver for 3G Wireless Applications
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com