Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-1250A4FDR Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. LCP-1250A4FDR
Description  RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-1250A4FDR Datasheet(HTML) 1 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DELTA ELECTRONICS, INC.
1
Oct., 2006
Rev. 6F
www.deltaww.com
RoHS Compliant Multimode SFP Transceiver for GbE and Fiber
Channel
FEATURES
Compliant with SFP Transceiver SFF-8472
MSA specification with internal calibration
Compliant with Specifications for IEEE
802.3z/Gigabit Ethernet
Compliant with the 1.0625GBd Fiber Channel
FC-PI 100-M5-SN-I Rev.13
Single + 3.3V Power Supply and TTL Logic
Interface
EEPROM with Serial ID Functionality
Laser Class 1 Product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Duplex LC Connector interface
Description
The LCP-1250A series are hot pluggable 3.3V
Small-Form-Factor transceiver modules designed
expressly
for
high-speed
communication
applications that require rates up to 1.25Gb/s.
The transceiver is data rate transparent, which
means it can support GbE (1.25Gb/s) as well as
1x Fiber channel (1.062Gb/s) operations
The LCP-1250 series are designed to be
compliant with SFF-8472 SFP Multi-source
Agreement
(MSA)
with
digital
diagnostic
monitoring functions: Temperature, VCC, TX
optical power, TX laser bias current, and RX
received optical power.
The post-amplifier of the LCP-1250 series
also includes a Loss of Signal (LOS) circuit that
provides a TTL logic-high output when the
received optical level is below a preset LOS
Assert threshold.
Applications
Gigabit Ethernet
Switch to Switch interface
Switched backplane applications
File server interface
Performance
850nm VCSEL Link up to 550m in 50/125
μm
Multi Mode Fiber


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCP-155A4HDRRoHS Compliant SFP Transceiver for ATM SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155B4JDRARoHS Compliant SFP Transceiver for ATM SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155D4RDRRoHS Compliant SFP Transceiver for ATM SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.
VSC7139Quad Transceiver for Gigabit Ethernet and Fibre Channel 1 2 3 4 5 MoreVitesse Semiconductor Corporation
GBIC-1250A3FRRoHS Compliant 1250Mbps Gigabit Interface Converters GBIC Transceiver Module for Gigabit Ethernet 1 2 3 4 5 MoreDelta Electronics, Inc.
GBIC-1250B5LSRoHS Compliant 1250Mbps Gigabit Interface Converters GBIC Transceiver Module for Gigabit Ethernet 1 2 3 4 5 MoreDelta Electronics, Inc.
HFBR-RXXYYYPlastic Optical Fiber Cable and Accessories for Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LCP-155A4HSRRoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155B4JSRRoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-200A4HSRRoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn