Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-200A4HSR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. LCP-200A4HSR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-200A4HSR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DELTA ELECTRONICS, INC.
3
Aug., 2006
Rev. 0A
www.deltaww.com
Optical Characteristics
(VCC=3.135V to 3.465V, Data Rate=200Mb/sec, PRBS=2
23-1 NRZ, 62.5/125um MMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-20
-14
dBm
Optical Extinction Ratio
9
dB
Center Wavelength
λC
1310
nm
Spectral Width (RMS)
σ
200
nm
Optical rise time/ fall time
tr/tf
3
ns
1
Relative Intensity Noise
RIN
-117
dB/Hz
Receiver
Sensitivity (Avg.)
PIN
-31
dBm
2
Input Optical Wavelength
λ
1100
1310
1600
nm
LOS-Deasserted (Avg.)
PA
-31
dBm
LOS-Asserted (Avg.)
PD
-48
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
PO
-14
dBm
Notes:
1. These are unfiltered 10%~90% values
2. The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 200Mb/s,
2
23-1 PRBS and ER=9dB.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn