Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-155D4RDR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. LCP-155D4RDR
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-155D4RDR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DELTA ELECTRONICS, INC.
3
Nov., 2006
Rev. 1B
www.deltaww.com
Optical Characteristics
(VCC=3.3V ± 5%, Data Rate=155Mb/sec, PRBS=2
23-1 NRZ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
LCP-155D4RDR
LCP-155D4VDR
PO
-5
0
0
5
dBm
Optical Extinction Ratio
ER
10
dB
Center Wavelength
LCP-155D4RDR
LCP-155D4VDR
λC
1480
1480
1580
1580
nm
Side-mode Suppression Ratio
LCP-155D4RDR
LCP-155D4VDR
SMSR
30
dB
Optical Rise/ Fall Time
tr/tf
2
nsec
1
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU recommendation
G.957
Receiver
Sensitivity (Avg.)
LCP-155D4RDR
LCP-155D4VDR
PIN
-34
-34
dBm
2
Input Optical Wavelength
λ
1100
1600
nm
LOS-Deasserted (Avg.)
LCP-155D4RDR
LCP-155D4VDR
PA
-34
-34
dBm
LOS-Asserted (Avg.)
PD
-45
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
LCP-155D4RDR
LCP-155D4VDR
PO
-10
-10
dBm
Notes:
1. These are unfiltered 10%~90% values
2. The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 155Mb/s,
2
23-1 PRBS and ER=9dB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCP-155A4HDRRoHS Compliant SFP Transceiver for ATM SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155B4JDRARoHS Compliant SFP Transceiver for ATM SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155A4HSRRoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-155B4JSRRoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.
LC-200A4H1M2x5 Small Form Factor 1310nm Transceiver for ESCON Fast Ethernet ATM SONET OC-3/SDH STM-1 1 2 3 4 5 MoreDelta Electronics, Inc.
GBIC-1250A3FRRoHS Compliant 1250Mbps Gigabit Interface Converters GBIC Transceiver Module for Gigabit Ethernet 1 2 3 4 5 MoreDelta Electronics, Inc.
GBIC-1250B5LSRoHS Compliant 1250Mbps Gigabit Interface Converters GBIC Transceiver Module for Gigabit Ethernet 1 2 3 4 5 MoreDelta Electronics, Inc.
LC-155B155Mbps SFF LC Duplex Optical Transceiver Module for Fast Ethernet ATM SONET/SDH STM-1/OC-3 1 2 3 4 5 MoreDelta Electronics, Inc.
ZL38003_06AEC with Noise Reduction & Codecs for Digital Hands-Free Communication 1 2 3 4 5 MoreZarlink Semiconductor Inc
LC-155A2H1155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet ATM SONET/SDH STM-1/OC-3 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn