Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-155B4JSR Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part No. LCP-155B4JSR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-155B4JSR Datasheet(HTML) 4 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DELTA ELECTRONICS, INC.
4
Nov., 2006
Rev. 0C
www.deltaww.com
SFP Transceiver Electrical Pad Layout
Pin Function Definitions
Pin Num.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
Module disables on high or open
4
MOD-DEF2
Module Definition 2
3
Note 3, 2 wire serial ID interface
5
MOD-DEF1
Module Definition 1
3
Note 3, 2 wire serial ID interface
6
MOD-DEF0
Module Definition 0
3
Note 3, Grounded in Module
7
Rate Select
Not Connect
3
Function not available
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
Note 5
10
VeeR
Receiver Ground
1
Note 5
11
VeeR
Receiver Ground
1
Note 5
12
RD-
Inv. Received Data Out
3
Note 6
13
RD+
Received Data Out
3
Note 7
14
VeeR
Receiver Ground
1
Note 5
15
VccR
Receiver Power
2
3.3 ± 5%, Note 7
16
VccT
Transmitter Power
2
3.3 ± 5%, Note 7
17
VeeT
Transmitter Ground
1
Note 5
18
TD+
Transmit Data In
3
Note 8
19
TD-
Inv. Transmit Data In
3
Note 8
20
VeeT
Transmitter Ground
1
Note 5
Plug Seq.: Pin engagement sequence during hot plugging.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn