Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-155A4MDR Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # LCP-155A4MDR
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155A4MDR Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  LCP-155A4MDR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155A4MDR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DELTA ELECTRONICS, INC.
5
Nov., 2006
Rev. 1E
www.deltaww.com
Pin Function Definitions
Pin Num.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
Module disables on high or open
4
MOD-DEF2
Module Definition 2
3
Note 3, 2 wire serial ID interface
5
MOD-DEF1
Module Definition 1
3
Note 3, 2 wire serial ID interface
6
MOD-DEF0
Module Definition 0
3
Note 3, Grounded in Module
7
Rate Select
Not Connect
3
Function not available
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
Note 5
10
VeeR
Receiver Ground
1
Note 5
11
VeeR
Receiver Ground
1
Note 5
12
RD-
Inv. Received Data Out
3
Note 6
13
RD+
Received Data Out
3
Note 7
14
VeeR
Receiver Ground
1
Note 5
15
VccR
Receiver Power
2
3.3 ± 5%, Note 7
16
VccT
Transmitter Power
2
3.3 ± 5%, Note 7
17
VeeT
Transmitter Ground
1
Note 5
18
TD+
Transmit Data In
3
Note 8
19
TD-
Inv. Transmit Data In
3
Note 8
20
VeeT
Transmitter Ground
1
Note 5
Plug Seq.: Pin engagement sequence during hot plugging.
Notes:
1)
TX Fault is an open collector/drain output, which should be pulled up with a 4.7K – 10KΩ resistor on the host
board. Pull up voltage between 2.0V and VccT, R+0.3V. When high, output indicates a laser fault of some kind.
Low indicates normal operation. In the low state, the output will be pulled to < 0.8V.
2)
TX disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module
with a 4.7 – 10 K Ω resistor. Its states are:
Low (0 – 0.8V):
Transmitter on
(>0.8, < 2.0V):
Undefined
High (2.0 – 3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3)
Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7K – 10KΩresistor on the
host board. The pull-up voltage shall be VccT or VccR (see Section IV for further details). Mod-Def 0 is grounded
by the module to indicate that the module is present Mod-Def 1 is the clock line of two wire serial interface for
serial ID Mod-Def 2 is the data line of two wire serial interface for serial ID
4)
LOS (Loss of Signal) is an open collector/drain output, which should be pulled up with a 4.7K – 10KΩ resistor.
Pull up voltage between 2.0V and VccT, R+0.3V. When high, this output indicates the received optical power is
below the worst-case receiver sensitivity (as defined by the standard in use). Low indicates normal operation. In
the low state, the output will be pulled to < 0.8V.
5)
VeeR and VeeT may be internally connected within the SFP module.
6)
RD-/+: These are the differential receiver outputs. They are AC coupled 100Ω differential lines which should be
terminated with 100Ω (differential) at the user SERDES. The AC coupling is done inside the module and is thus
not required on the host board. The voltage swing on these lines will be between 370 and 2000 mV differential
(185 – 1000 mV single ended) when properly terminated.


Similar Part No. - LCP-155A4MDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRH DELTA-LCP-155A4HSRH Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRT DELTA-LCP-155A4HSRT Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results

Similar Description - LCP-155A4MDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com