Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LCP-155A4HSR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. LCP-155A4HSR
Description  RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

LCP-155A4HSR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DELTA ELECTRONICS, INC.
3
Sep., 2006
Rev. 0B
www.deltaww.com
Optical Characteristics
(VCC=3.135V to 3.465V, Data Rate=155Mb/sec, PRBS=2
23-1 NRZ, 62.5/125µm MMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-20
-14
dBm
Optical Extinction Ratio
ER
9
dB
Center Wavelength
λC
1310
nm
Spectral Width (RMS)
σ
200
nm
Optical Rise /Fall Time
tr/tf
3
ns
1
Duty Cycle Distortion
DCD
0.6
ns
Jitter
tJ
1.0
ns
Relative Intensity Noise
RIN
-117
dB/Hz
Output Eye
Compliant with ITU-T recommendation G.957
Receiver
Sensitivity (Avg.)
PIN
-31
dBm
2
Input Optical Wavelength
λ
1310
nm
LOS-Deasserted (Avg.)
PD
-31
dBm
LOS-Asserted (Avg.)
PA
-48
dBm
LOS-Hysteresis
PD-PA
0.5
dB
Overload
PO
-14
dBm
Notes:
1. These are unfiltered 10%~90% values
2. The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 155Mb/s,
2
23-1 PRBS and ER=9dB.
Mask of the eye diagram for the optical transmit signal


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn