Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U6813B Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. U6813B
Description  Fail-safe IC with High-side and Relay Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

U6813B Datasheet(HTML) 2 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
4543B–AUTO–10/05
U6813B
Figure 1-1.
Block Diagram
3.3 V
RELI
FETI
WDI
WDC
CAPI
P-EN
N-EN
RELO
N-RES
P-RES
5-V under- and
overvoltage detect.
3.3-V under- and
overvoltage detect.
Watchdog
19k
19k
19k
V
CC
Reset
debounce
Reset
delay
Power-on
reset
Bandgap
reference
2.44 V
FET
output
Internal
oscillator
RC-
oscillator
supervisor
RC
oscillator
fosc
fosc
FETO
GND
SGND
fosc
16
14
13
12
11
15
2
10
8
7
9
5
6
1
4
3
V
CC
V
CC
Current
limitation
VS
V
CC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn