Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L36SA12004NRFA Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part # L36SA12004NRFA
Description  Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

L36SA12004NRFA Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button L36SA12004NRFA Datasheet HTML 5Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 6Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 7Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 8Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 9Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 10Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 11Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 12Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MECHANICAL DRAWING
DS_L36SA05010_02142007
12
PIN NO.
NAME
FUNCTION
LTAGE
SENSE
ALL PINS ARE COPPER WITH TIN PLATING
OPEN FRAME VERSION
1
CASE (OPTION)
CASE
2
+VIN
POSITIVE INPUT VO
3
–VIN
NEGATIVE INPUT VOLTAGE
4
NC (OPTION)
NOT CONNECTED
5
ON/OFF
REMOTE ON/OFF
M
6
TRIM
OUTPUT VOLTAGE TRI
7
–SENSE (OPTION) NEGATIVE OUTPUT VOLTAGE
8
–VOUT
NEGATIVE OUTPUT VOLTAGE
9
+VOUT
POSITVE OUTPUT VOLTAGE
E
10
+SENSE (OPTION) POSITVE OUTPUT VOLTAGE SENS
11
NC (OPTION)
NOT CONNECTED


Similar Part No. - L36SA12004NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
550Kb / 13P
   Fixed frequency operation
More results

Similar Description - L36SA12004NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA_13 Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA3R315NRFA DELTA-L36SA3R315NRFA_13 Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com