Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E196JYTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100E196JYTR
Description  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E196JYTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100E196JYTR Datasheet HTML 1Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 2Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 3Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 4Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 5Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 6Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 7Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 8Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Notes:
1. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
2. This set-up time defines the amount of time prior to the input signal the delay tap of the device must be set.
3. This set-up time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75mV to
that IN/IN transition.
4. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response greater than
±75mV to that IN/IN transition.
5. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets the specified
IN to Q propagation delay and transition times.
6. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations of asserted delay
control inputs will typically realize D0 resolution steps across the specified programmable range.
7. The linearity specification guarantees to which delay control input the programmable steps will be monotonic (i.e. increasing delay steps for increasing
binary counts on the control inputs Dn). Typically, the device will be monotonic to the D0 input, however, under worst case conditions and process variation,
delays could decrease slightly with increasing binary counts when the D0 input is the LSB. With the D1 input as the LSB, the device is guaranteed to be
monotonic over all specified environmental conditions and process variation.
8. The jitter of the device is less than what can be measured without resorting to very tedious and specialized measurement techniques.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
IN to Q; Tap = 0
1210
1360
1510
1240
1390
1540
1440
1590
1765
IN to Q; Tap = 127
3320
3570
3820
3380
3630
3880
3920
4270
4720
EN to Q; Tap = 0
1250
1450
1650
1275
1475
1675
1350
1650
1950
D7 to CASCADE
300
450
700
300
450
700
300
450
700
tRANGE
Programmable Range
2000
2175
2050
2240
2375
2580
ps
tPD (max.) – tPD (min.)
∆t
Step Delay
ps
6
D0 High
17
17.5
21
D1 High
34
35
42
D2 High
55
68
105
55
70
105
65
84
120
D3 High
115
136
180
115
140
180
140
168
205
D4 High
250
272
325
250
280
325
305
336
380
D5 High
505
544
620
515
560
620
620
672
740
D6 High
1000
1088
1190
1030
1120
1220
1240
1344
1450
Lin
Linearity
D1
D0
—D1
D0
—D1
D0
——
7
tskew
Duty Cycle Skew, tPHL–tPLH
±30
±30
±30
ps
1
tS
Set-up Time
ps
D to LEN
200
0
200
0
200
0
D to IN
800
800
800
2
EN to IN
200
200
200
3
tH
Hold Time
ps
LEN to D
500
250
500
250
500
250
IN to EN
0
0
0
4
tR
Release Time
ps
EN to IN
300
300
300
5
SET MAX to LEN
800
800
800
SET MIN to LEN
800
800
800
tjit
Jitter
<5
<5
<5
ps
8
tr
Rise/Fall Times
ps
tf
20–80% (Q)
125
225
325
125
225
325
125
225
325
20–80% (CASCADE)
300
450
650
300
450
650
300
450
650
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND


Similar Part No. - SY100E196JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E196JC MICREL-SY100E196JC Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY100E196JCTR MICREL-SY100E196JCTR Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
More results

Similar Description - SY100E196JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196 MICREL-SY10E196 Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com