Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM12S0A0R08FA Datasheet(PDF) 15 Page - Delta Electronics, Inc.

Part # IPM12S0A0R08FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM12S0A0R08FA Datasheet(HTML) 15 Page - Delta Electronics, Inc.

Back Button IPM12S0A0R08FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 11Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 12Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 13Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 14Page - Delta Electronics, Inc. IPM12S0A0R08FA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
DS_IPM12S0A008_12182006
15
PART NUMBERING SYSTEM
IPM
12
S
0A0
R
08
F
A
Product
Family
Input Voltage
Number of
Outputs
Output Voltage
Package
Output
Current
Option Code
Integrated POL
Module
04 - 3V ~ 5.5V
12 - 8V ~ 14V
S - Single
0A0 - programmable
output
R - SIP
S - SMD
08 - 8A
10 - 10A
F- RoHS 6/6
(Lead Free)
A - Standard Function
MODEL LIST
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency (Typical @
full load)
IPM12S0A0R08FA
SIP
8V ~ 14V
0.8V ~ 5V
8A
93%
IPM12S0A0S08FA
SMD
8V ~ 14V
0.8V ~ 5V
8A
93%
IPM04S0A0R10FA
SIP
3V ~ 5.5V
0.8V ~ 3.3V
10A
94%
IPM04S0A0S10FA
SMD
3V ~ 5.5V
0.8V ~ 3.3V
10A
94%
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 x6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Similar Part No. - IPM12S0A0R08FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
746Kb / 15P
   Output short circuit protection
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
761Kb / 15P
   Output voltage adjustment: 0.9V~3.3V
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results

Similar Description - IPM12S0A0R08FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
704Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com