Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM04S0A0R10FA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # IPM04S0A0R10FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04S0A0R10FA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button IPM04S0A0R10FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 11Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 12Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS_IPM04S0A010_12182006
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of IPM can be programmed to any
voltage between 0.9Vdc and 3.3Vdc by connecting one
resistor (shown as Rtrim in Figure 28, 29) between the
TRIM and GND pins of the module to trim up (0.9V ~
3.3V) and between the Trim and +Output to trim down
(0.8V ~ 0.9V). Without this external resistor, the output
voltage of the module is 0.9 Vdc. To calculate the value of
the resistor Rtrim for a particular output voltage Vo,
please use the following equation:
Trim up
7.0
Rtrim =
Vadj. –0.9
- 0.187 (KΩ)
Trim Down
2.0
Rtrim =
0.9 – Vadj.
- 10.187 (KΩ)
Rtrim is the external resistor in KΩ
Vout is the desired output voltage
For example: to program the output voltage of the IPM
module to 3.3Vdc, Rtrim is calculated as follows:
7.0
Rtrim =
3.3 –0.9
- 0.187 (KΩ)
Rtrim = 2.729 KΩ
IPM can also be programmed by applying a voltage
between the TRIM and GND pins (Figure 30). The
following equation can be used to determine the value of
Vtrim needed for a desired output voltage Vo:
Vtrim = 0.7168 – 0.0187Vo
Vtrim is the external voltage in V
Vo is the desired output voltage
For example, to program the output voltage of a IPM
module to 3.3 Vdc, Vtrim is calculated as follows
Vtrim = 0.7168 – 0.0187 x 3.3
Vtrim = 0.6551V
Figure 30: Circuit configuration for programming output voltage
using external voltage source
Rtrim
Load
Vout
Trim
GND
Figure 29:
Trim down Circuit configuration for programming
output voltage using an external resistor
Figure 28:
Trim up Circuit configuration for programming
output voltage using an external resistor


Similar Part No. - IPM04S0A0R10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
746Kb / 15P
   Output short circuit protection
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
761Kb / 15P
   Output voltage adjustment: 0.9V~3.3V
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results

Similar Description - IPM04S0A0R10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
704Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com