Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E151JYTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E151JYTR
Description  6-BIT D REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E151JYTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E151JYTR Datasheet HTML 1Page - Micrel Semiconductor SY10E151JYTR Datasheet HTML 2Page - Micrel Semiconductor SY10E151JYTR Datasheet HTML 3Page - Micrel Semiconductor SY10E151JYTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E151
SY100E151
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E151JI
J28-1
Industrial
SY10E151JI
Sn-Pb
SY10E151JITR(2)
J28-1
Industrial
SY10E151JI
Sn-Pb
SY100E151JC
J28-1
Commercial
SY100E151JC
Sn-Pb
SY100E151JCTR(2)
J28-1
Commercial
SY100E151JC
Sn-Pb
SY10E151JY(3)
J28-1
Industrial
SY10E151JY with
Matte-Sn
Pb-Free bar-line indicator
SY10E151JYTR(2, 3)
J28-1
Industrial
SY10E151JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E151JZ(3)
J28-1
Commercial
SY100E151JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E151JZTR(2, 3)
J28-1
Commercial
SY100E151JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
VEE
D5
D4
D1
D2
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
D0
D3
Q4
PLCC
TOP VIEW
J28-1
Q4
VCC
Q3
Q3
Q2
Q2


Similar Part No. - SY10E151JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E151JYTR MICREL-SY10E151JYTR Datasheet
64Kb / 4P
   6-BIT D REGISTER
More results

Similar Description - SY10E151JYTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151 Datasheet
66Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151 Datasheet
104Kb / 4P
   6-BIT D REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151_08 Datasheet
64Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com