Electronic Components Datasheet Search |
|
SY10E150JZTR Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
SY10E150JZTR Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 4 page 1 SY10E150 SY100E150 Micrel, Inc. M9999-032006 hbwhelp@micrel.com or (408) 955-1690 s 700ps max. propagation delay s Extended 100E VEE range of –4.2V to –5.5V s Differential outputs s Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K Ω input pulldown resistors s Fully compatible with Motorola MC10E/100E150 s Available in 28-pin PLCC package FEATURES 6-BIT D LATCH The SY10/100E150 are 6-bit D latches with differential outputs designed for use in new, high- performance ECL systems. When both Latch Enables (LEN1, LEN2) are at a logic LOW, the latch is in the transparent mode and input data propagates through to the output. A logic HIGH on either LEN1 or LEN2 (or both) latches the input data. The Master Reset (MR) overrides all other signals to set the Q outputs to a logic LOW. DESCRIPTION SY10E150 SY100E150 BLOCK DIAGRAM Pin Function D0–D5 Data Inputs LEN1, LEN2 Latch Enables MR Master Reset Q0–Q5 True Outputs Q0–Q5 Inverting Outputs VCCO VCC to Output PIN NAMES D R D R D R D R D R D R MR D0 LEN1 LEN2 D1 D2 D3 D4 D5 Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Q5 Q5 Rev.: F Amendment: /0 Issue Date: March 2006 |
Similar Part No. - SY10E150JZTR |
|
Similar Description - SY10E150JZTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |