Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E111LEJC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E111LEJC
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E111LEJC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E111LEJC Datasheet HTML 1Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 2Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 3Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 4Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 5Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY10E111AE/LE
SY100E111AE/LE
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
mV
10EL
–1080
—–890
–1020
—–840
–980
—–810
–910
—–720
100EL
–1085
—–880
–1025
—–880
–1025
—–880
–1025
—–880
VOL
Output LOW Voltage
mV
10EL
–1950
—–1650 –1950
—–1630 –1950
—–1630 –1950
—–1595
100EL
–1830
—–1550 –1810
—–1620 –1810
—–1620 –1810
—–1620
VIH
Input HIGH Voltage
mV
10EL
–1230
—–890
–1170
—–840
–1130
—–810
–1060
—–720
100EL
–1165
—–880
–1165
—–880
–1165
—–880
–1165
—–880
VIL
Input LOW Voltage
mV
10EL
–1950
—–1500 –1950
—–1480 –1950
—–1480 –1950
—–1445
100EL
–1810
—–1475 –1810
—–1475 –1810
—–1475 –1810
—–1475
VBB
Output Reference
V
Voltage
10EL
–1.43
—–1.30
–1.38
—–1.27
–1.35
—–1.25
–1.31
—–1.19
100EL
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
IIL
Input LOW Current
µA
10EL
0.5
——
0.5
——
0.5
——
0.3
——
100EL
0.5
——
0.5
——
0.5
——
0.5
——
IEE
Power Supply Current
mA
10EL
——
66
——
66
——
66
——
66
100EL
——
66
——
66
——
66
——
78
ECL DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
Notes:
1. Parametric values specified at:
5 volt Power Supply Range
100E111AE Series:
-4.2V to -5.5V.
10E111AE Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100E111LE Series: -3.0V to -3.8V.


Similar Part No. - SY100E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E111LEJC MICREL-SY100E111LEJC Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111LEJC MICREL-SY100E111LEJC Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY100E111LEJCTR MICREL-SY100E111LEJCTR Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111LEJCTR MICREL-SY100E111LEJCTR Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results

Similar Description - SY100E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com