Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E111LEJC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E111LEJC
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E111LEJC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E111LEJC Datasheet HTML 1Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 2Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 3Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 4Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 5Page - Micrel Semiconductor SY100E111LEJC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Precision Edge®
SY10E111AE/LE
SY100E111AE/LE
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
s 5V and 3.3V power supply options
s 200ps part-to-part skew
s 50ps output-to-output skew
s Differential design
s VBB output
s Enable Input
s Voltage and temperature compensated outputs
s 75K
input pulldown resistors
s Fully compatible with Motorola MC10/100E111
s Available in 28-pin PLCC package
The SY10/100E111AE/LE are low skew 1-to-9 differential
drivers designed for clock distribution in mind. The SY10/
100E111AE/LE's function and performance are similar to
the popular SY10/100E111, with the improvement of lower
jitter and the added feature of low voltage operation. It
accepts one signal input, which can be either differential or
single-ended if the VBB output is used. The signal is fanned
out to 9 identical differential outputs. An enable input is
also provided such that a logic HIGH disables the device by
forcing all Q outputs LOW and all Q outputs HIGH.
The E111AE/LE is specifically designed, modeled and
produced with low skew as the key goal. Optimal design
and layout serve to minimize gate to gate skew within a
device, and empirical modeling is used to determine process
control limits that ensure consistent tpd distributions from
lot to lot. The net result is a dependable, guaranteed low
skew device.
To ensure that the tight skew specification is met it is
necessary that both sides of the differential output are
terminated into 50
Ω, even if only one side is being used. In
most applications, all nine differential pairs will be used
and therefore terminated. In the case where fewer that
nine pairs are used, it is necessary to terminate at least the
output pairs on the same package side as the pair(s) being
used on that side, in order to maintain minimum skew.
Failure to do this will result in small degradations of
propagation delay (on the order of 10-20ps) of the output(s)
being used which, while not being catastrophic to most
designs, will mean a loss of skew margin.
The E111AE/LE, as with most other ECL devices, can
be operated from a positive VCC supply in PECL mode.
This allows the E111AE/LE to be used for high performance
clock distribution in +5V/+3.3V systems. Designers can
take advantage of the E111AE/LE's performance to
distribute low skew clocks across the backplane or the
board. In a PECL environment, series or Thevenin line
terminations are typically used as they require no additional
power supplies. For systems incorporating GTL, parallel
termination offers the lowest power by taking advantage of
the 1.2V supply as terminating voltage.
BLOCK DIAGRAM
IN
VBB
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
IN
EN
Rev.: G
Amendment: /0
Rev. Date:
March 2006
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®
Precision Edge®
SY10E111AE/LE
SY100E111AE/LE
5V/3.3V 1:9 DIFFERENTIAL
CLOCK DRIVER (w/ENABLE)
Pin
Function
IN, IN
Differential Input Pair
EN
Enable Input
Q0, Q0 — Q8, Q8
Differential Outputs
VBB
VBB Output
VCCO
VCC to Output
PIN NAMES


Similar Part No. - SY100E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E111LEJC MICREL-SY100E111LEJC Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111LEJC MICREL-SY100E111LEJC Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY100E111LEJCTR MICREL-SY100E111LEJCTR Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111LEJCTR MICREL-SY100E111LEJCTR Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results

Similar Description - SY100E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com