Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # UC3843ADR2G
Description  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  UC3843ADR2G Datasheet HTML 1Page - ON Semiconductor UC3843ADR2G Datasheet HTML 2Page - ON Semiconductor UC3843ADR2G Datasheet HTML 3Page - ON Semiconductor UC3843ADR2G Datasheet HTML 4Page - ON Semiconductor UC3843ADR2G Datasheet HTML 5Page - ON Semiconductor UC3843ADR2G Datasheet HTML 6Page - ON Semiconductor UC3843ADR2G Datasheet HTML 7Page - ON Semiconductor UC3843ADR2G Datasheet HTML 8Page - ON Semiconductor UC3843ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC3842A, UC3843A, UC2842A, UC2843A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 15 V, [Note 4], RT = 10 k, CT = 3.3 nF, TA = Tlow to Thigh [Note 5],
unless otherwise noted.)
UC284XA
UC384XA
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
CURRENT SENSE SECTION
Current Sense Input Voltage Gain (Notes 6 & 7)
AV
2.85
3.0
3.15
2.85
3.0
3.15
V/V
Maximum Current Sense Input Threshold (Note 6)
Vth
0.9
1.0
1.1
0.9
1.0
1.1
V
Power Supply Rejection Ratio
VCC = 12 to 25 V (Note 6)
PSRR
70
70
dB
Input Bias Current
IIB
−2.0
−10
−2.0
−10
mA
Propagation Delay (Current Sense Input to Output)
tPLH(in/out)
150
300
150
300
ns
OUTPUT SECTION
Output Voltage
Low State (ISink = 20 mA)
Low State (ISink = 200 mA)
High State (ISink = 20 mA)
High State (ISink = 200 mA)
VOL
VOH
13
12
0.1
1.6
13.5
13.4
0.4
2.2
13
12
0.1
1.6
13.5
13.4
0.4
2.2
V
Output Voltage with UVLO Activated
VCC = 6.0 V, ISink = 1.0 mA
VOL(UVLO)
0.1
1.1
0.1
1.1
V
Output Voltage Rise Time (CL = 1.0 nF, TJ = 25°C)
tr
50
150
50
150
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = 25°C)
tf
50
150
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold
UCX842A
UCX843A
Vth
15
7.8
16
8.4
17
9.0
14.5
7.8
16
8.4
17.5
9.0
V
Minimum Operating Voltage After Turn−On
UCX842A
UCX843A
VCC(min)
9.0
7.0
10
7.6
11
8.2
8.5
7.0
10
7.6
11.5
8.2
V
PWM SECTION
Duty Cycle
Maximum
Minimum
DCmax
DCmin
94
96
0
94
96
0
%
TOTAL DEVICE
Power Supply Current (Note 4)
Startup:
(VCC = 6.5 V for UCX843A,
(VCC = 14 V for UCX842A) Operating
ICC
0.5
12
1.0
17
0.5
12
1.0
17
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
30
36
V
4. Adjust VCC above the Startup threshold before setting to 15 V.
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for UC3842A, UC3843A
Thigh = +70°C for UC3842A, UC3843A
−25
°C for UC2842A, UC2843A
+85
°C for UC2842A, UC2843A
6. This parameter is measured at the latch trip point with VFB = 0 V.
7. Comparator gain is defined as: AV
DV Output Compensation
DV Current Sense Input


Similar Part No. - UC3843ADR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3843AD MOTOROLA-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3843AD TI-UC3843AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843AD FAIRCHILD-UC3843AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3843AD MICROSEMI-UC3843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3843ADR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com