Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843ADG Datasheet(PDF) 7 Page - ON Semiconductor

Part # UC3843ADG
Description  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843ADG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button UC3843ADG Datasheet HTML 3Page - ON Semiconductor UC3843ADG Datasheet HTML 4Page - ON Semiconductor UC3843ADG Datasheet HTML 5Page - ON Semiconductor UC3843ADG Datasheet HTML 6Page - ON Semiconductor UC3843ADG Datasheet HTML 7Page - ON Semiconductor UC3843ADG Datasheet HTML 8Page - ON Semiconductor UC3843ADG Datasheet HTML 9Page - ON Semiconductor UC3843ADG Datasheet HTML 10Page - ON Semiconductor UC3843ADG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UC3842A, UC3843A, UC2842A, UC2843A
http://onsemi.com
7
Figure 14. Output Saturation Voltage
versus Load Current
Figure 15. Output Waveform
Figure 16. Output Cross Conduction
Figure 17. Supply Current versus
Supply Voltage
50 ns/DIV
VCC = 15 V
CL = 1.0 nF
TA = 25°C
100 ns/DIV
VCC = 30 V
CL = 15 pF
TA = 25°C
800
600
400
200
0
IO, OUTPUT LOAD CURRENT (mA)
VCC
TA = 25°C
TA = −55°C
GND
TA = 25°C
Source Saturation
(Load to Ground)
TA = −55°C
VCC = 15 V
80
ms Pulsed Load
120 Hz Rate
0
10203040
VCC , SUPPLY VOLTAGE
RT = 10 k
CT = 3.3 nF
VFB = 0 V
ISense = 0 V
TA = 25°C
90%
10%
0
1.0
2.0
3.0
−2.0
−1.0
0
25
20
15
10
5
0
Sink Saturation
(Load to VCC)


Similar Part No. - UC3843ADG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3843ADG4 TI-UC3843ADG4 Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC3843ADG4 TI1-UC3843ADG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3843ADG4 TI1-UC3843ADG4 Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
More results

Similar Description - UC3843ADG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com