Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E111A Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10E111A
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111A Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10E111A_06 Datasheet HTML 1Page - Micrel Semiconductor SY10E111A_06 Datasheet HTML 2Page - Micrel Semiconductor SY10E111A_06 Datasheet HTML 3Page - Micrel Semiconductor SY10E111A_06 Datasheet HTML 4Page - Micrel Semiconductor SY10E111A_06 Datasheet HTML 5Page - Micrel Semiconductor SY10E111A_06 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Precison Edge®
SY10E111A/L
SY100E111A/L
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max. Unit
t
PD
Propagation Delay to Output
ps
IN (differential), Note 2
380
680
430
630
430
630
430
630
IN (single-ended), Note 3
280
780
330
730
330
730
330
730
t
skew
Within-Device Skew, Note 4
——
75
——
50
——
50
——
50
ps
Part-to-Part Skew (Diff.)
——
250
——
200
——
200
——
200
V
PP
Minimum Input Swing, Note 5
250
——
250
——
250
——
250
——
mV
V
CMR
Common Mode Range, Note 6
–1.5
—–0.4
–1.5
—–0.4
–1.5
—–0.4
–1.5
—–0.4
V
tr
Rise/Fall Times
200
650
200
600
200
600
200
600
ps
tf
20% to 80%
AC ELECTRICAL CHARACTERISTICS(1)
Note 1.
Parametric values specified at:
5 volt Power Supply Range
100E111A Series:
-4.2V to -5.5V.
10E111A Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100E111L Series:
-3.0V to -3.8V.
Note 2.
The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
Note 3.
The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
Note 4.
The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
Note 5.
V
PP (min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP (min) is AC
limited for the E111A/L as a differential input as low as 50mV will still produce full ECL levels at the output.
Note 6.
V
CMR is defined as the range within the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level
must be such that the peak-to-peak voltage is less than 1.0V and greater than or equal to V
PP (min).
For PECL operation: V
CMR (max) = VCC – |VCMR (max)| and VCMR (min) = VCC – |VCMR (min)|


Similar Part No. - SY10E111A_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111AEJC MICREL-SY10E111AEJC Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AEJC MICREL-SY10E111AEJC Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results

Similar Description - SY10E111A_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com