Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0372DM2EL Datasheet(PDF) 5 Page - ON Semiconductor

Part # TCA0372DM2EL
Description  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372DM2EL Datasheet(HTML) 5 Page - ON Semiconductor

  TCA0372DM2EL Datasheet HTML 1Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 2Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 3Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 4Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 5Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 6Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 7Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 8Page - ON Semiconductor TCA0372DM2EL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TCA0372, TCA0372B
http://onsemi.com
5
VCC = +15 V
VEE = −15 V
AV = +100
RL = 50 W
t, TIME (100
ms/DIV)
Figure 8. Sine Wave Response
Figure 9. Bidirectional DC Motor Control with
Microprocessor−Compatible Inputs
VS = Logic Supply Voltage
Must Have VCC > VS
E1, E2 = Logic Inputs
+
+
VCC
E2
E1
VS/2
R7
R1
Vin
R2
5.0
W
R5
R6
10 k
Rx
R3
0.1
mF
R8
10 k
+
+
VS
0.1
mF
10 k
10 k
10 k
10 k
Figure 10. Bidirectional Speed Control of DC Motors
For circuit stability, ensure that Rx >where, RM = internal resistance of motor.
The voltage available at the terminals of the motor is:
where, |Ro| =and IM is the motor current.
2R3
@ R1
RM
VM + 2 (V1 –
VS
2
)
) |Ro| @ IM
2R3
@ R1
Rx


Similar Part No. - TCA0372DM2EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA0372DP1 MOTOROLA-TCA0372DP1 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DP1 ONSEMI-TCA0372DP1 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
logo
Motorola, Inc
TCA0372DP2 MOTOROLA-TCA0372DP2 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DP2 ONSEMI-TCA0372DP2 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
logo
Motorola, Inc
TCA0372DW MOTOROLA-TCA0372DW Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results

Similar Description - TCA0372DM2EL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV0372BDWR2G ONSEMI-NCV0372BDWR2G Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com