Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL494CD Datasheet(PDF) 11 Page - ON Semiconductor

Part # TL494CD
Description  SWITCHMODE TM Pulse Width Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CD Datasheet(HTML) 11 Page - ON Semiconductor

Back Button TL494CD Datasheet HTML 6Page - ON Semiconductor TL494CD Datasheet HTML 7Page - ON Semiconductor TL494CD Datasheet HTML 8Page - ON Semiconductor TL494CD Datasheet HTML 9Page - ON Semiconductor TL494CD Datasheet HTML 10Page - ON Semiconductor TL494CD Datasheet HTML 11Page - ON Semiconductor TL494CD Datasheet HTML 12Page - ON Semiconductor TL494CD Datasheet HTML 13Page - ON Semiconductor TL494CD Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL494, NCV494
http://onsemi.com
11
Figure 21. Pulse Width Modulated Step−Down Converter
+Vin = 10V to 40V
Tip 32A
1.0mH @ 2A
+VO = 5.0 V
IO = 1.0 A
50
10V
+
5.1k
MR850
0.1
150
5.1k
5.1k
47k
1.0M
0.1
3
2
1
14
15
16
Comp
+
Vref
+
VCC
C1
C2
50
50V
0.001
56
4
13
7
9
10
CT
RT
D.T. O.C. Gnd E1
E2
+
47k
+
500
10V
150
47
11
12
8
TL494
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 40 V
3.0 mV
0.01%
Load Regulation
Vin = 12.6 V, IO = 0.2 mA to 200 mA
5.0 mV
0.02%
Output Ripple
Vin = 12.6 V, IO = 200 mA
40 mV pp
P.A.R.D.
Short Circuit Current
Vin = 12.6 V, RL = 0.1 W
250 mA
Efficiency
Vin = 12.6 V, IO = 200 mA
72%


Similar Part No. - TL494CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494CD MOTOROLA-TL494CD Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL494CD TI-TL494CD Datasheet
1Mb / 37P
[Old version datasheet]   Pulse-Width-Modulation Control Circuits
JULY 2022
logo
ON Semiconductor
TL494CD ONSEMI-TL494CD Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494CD TI-TL494CD Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CD TI-TL494CD Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com