Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP117 Datasheet(PDF) 6 Page - ON Semiconductor

Part # TIP117
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP117 Datasheet(HTML) 6 Page - ON Semiconductor

  TIP117 Datasheet HTML 1Page - ON Semiconductor TIP117 Datasheet HTML 2Page - ON Semiconductor TIP117 Datasheet HTML 3Page - ON Semiconductor TIP117 Datasheet HTML 4Page - ON Semiconductor TIP117 Datasheet HTML 5Page - ON Semiconductor TIP117 Datasheet HTML 6Page - ON Semiconductor TIP117 Datasheet HTML 7Page - ON Semiconductor TIP117 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
6
6.0 k
0.04
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
VCE = 3.0 V
0.4
NPN
TIP110, 111, 112
PNP
TIP115, 116, 117
Figure 9. Collector Saturation Region
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
20
100
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
2.2
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.1
0.2
0.6
1.0
2.0
4.0
1.8
1.4
1.0
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
VBE @ VCE = 3.0 V
4.0 k
3.0 k
TJ = 125°C
25
°C
−55
°C
50
IC, COLLECTOR CURRENT (AMP)
VCE = 3.0 V
TJ = 125°C
25
°C
−55
°C
1.4
2.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
2.0
10
0.4
6.0 k
0.04
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
0.4
4.0 k
3.0 k
2.0
2.2
1.0
4.0 A
3.4
0.1
0.6
0.2
1.0
2.0
20
100
1.8
2.6
3.0
0.5
5.0
50
1.4
10
2.2
1.0
IC =
0.5 A
1.0 A
2.0 A
4.0 A
2.2
0.04 0.06
0.1
0.2
0.6
1.0
2.0
4.0
1.8
1.4
1.0
0.6
0.2
0.4


Similar Part No. - TIP117

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP117 MOSPEC-TIP117 Datasheet
146Kb / 3P
   POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Savantic, Inc.
TIP117 SAVANTIC-TIP117 Datasheet
123Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
ON Semiconductor
TIP117 ONSEMI-TIP117 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
logo
Motorola, Inc
TIP117 MOTOROLA-TIP117 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Dc Components
TIP117 DCCOM-TIP117 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
More results

Similar Description - TIP117

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com