Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBA1XXXDXV6T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NSBA1XXXDXV6T1
Description  Dual Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA1XXXDXV6T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NSBA1XXXDXV6T1 Datasheet HTML 3Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 4Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 5Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 6Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 7Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 8Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 9Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 10Page - ON Semiconductor NSBA1XXXDXV6T1 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NSBA114EDXV6T1, NSBA114EDXV6T5 SERIES
http://onsemi.com
9
TYPICAL ELECTRICAL CHARACTERISTICS — NSBA115EDXV6T1
75
°C
25
°C
−25
°C
Figure 24. Maximum Collector Voltage versus
Collector Current
Figure 25. DC Current Gain
Figure 26. Output Capacitance
Figure 27. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 28. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
7
6
5
4
3
2
1
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.01
1000
1.2
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.1
1
10
10
9
8
7
100
12
10
8
6
4
2
0
1
10
18
16
14
20
IC/IB = 10
75
°C
25
°C
TA = −25°C
VCE = 10 V
75
°C
25
°C
TA = −25°C
VO = 5 V
VO = 0.2 V
75
°C
25
°C
TA = −25°C
f = 1 MHz
IE = 0 V
TA = 25°C


Similar Part No. - NSBA1XXXDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA113EDXV6 ONSEMI-NSBA113EDXV6 Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
NSBA113EDXV6T1G ONSEMI-NSBA113EDXV6T1G Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
NSBA113EF3 ONSEMI-NSBA113EF3 Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
NSBA113EF3 ONSEMI-NSBA113EF3 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
NSBA113EF3 ONSEMI-NSBA113EF3 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results

Similar Description - NSBA1XXXDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com